Part Number Hot Search : 
M1041 B2010 R0402 DG211DY SMAJ170C HCT240 X4325 V5X11
Product Description
Full Text Search
 

To Download BZV55C3V0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * ZENER DIODES *LEADLESS PACKAGE FOR SURFACE MOUNT * DOUBLE PLUG CONSTRUCTION * METALLURGICALLY BONDED
BZV55 C2V4 thru BZV55 C75
MAXIMUM RATINGS
Operating Temperature: -65C to +175C Storage Temperature: -65C to +175C Power Derating: 3.33 mW / C above +50C Forward Voltage: @ 200mA: 1.1 Volts maximum
ELECTRICAL CHARACTERISTICS @ 25C, unless otherwise specified.
MAXIMUM DIFFERENTIAL RESISTANCE rdiff @ I Z mA 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2 2 2 2 2 2 2 2 2 2 2 2 OHMS 100 100 95 95 90 90 90 80 60 40 10 15 15 15 15 20 20 25 30 30 40 45 55 55 70 80 80 80 90 130 150 170 180 200 215 240 255 mA 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2 2 2 2 2 2 2 2 2 2 2 2 50 20 10 5 5 3 3 3 2 1 3 2 1 .700 .500 .200 .100 .100 .100 .050 .050 .050 .050 .050 .050 .050 .050 .050 .050 .050 .050 .050 .050 .050 .050 .050 .050 MAXIMUM REVERSE CURRENT IR @ VR
TYPE
ZENER VOLTAGE (NOTE 1) VZ @ I ZT VOLTS MIN MAX
A
VOLTS 1 1 1 1 1 1 1 2 2 2 4 4 5 5 6 7 8 8 8 10.5 11.2 12.6 14.0 15.4 16.8 18.9 21.0 23.1 25.2 27.3 30.1 32.9 35.7 39.2 43.4 47.6 52.2
BZV55 BZV55 BZV55 BZV55 BZV55 BZV55 BZV55 BZV55 BZV55 BZV55 BZV55 BZV55 BZV55 BZV55 BZV55 BZV55 BZV55 BZV55 BZV55 BZV55 BZV55 BZV55 BZV55 BZV55 BZV55 BZV55 BZV55 BZV55 BZV55 BZV55 BZV55 BZV55 BZV55 BZV55 BZV55
C2V4 C2V7 C3V0 C3V3 C3V6 C3V9 C4V3 C4V7 C5V1 C5V6 C6V2 C6V8 C7V5 C8V2 C9V1 C10 C11 C12 C13 C15 C16 C18 C20 C22 C24 C27 C30 C33 C36 C39 C43 C47 C51 C56 C62
2.2 2.5 2.8 3.1 3.4 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28.0 31.0 34.0 37.0 40.0 44.0 48.0 52.0 58.0 64.0 70.0
2.6 2.9 3.2 3.5 3.8 4.1 4.6 5.0 5.4 6.0 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.6 28.9 32.0 35.0 38.0 41.0 46.0 50.0 54.0 60.0 66.0 72.0 79.0
DIM D F G G1 S
MILLIMETERS INCHES MIN MAX MIN MAX 1.60 1.70 0.063 0.067 0.41 0.55 0.016 0.022 3.30 3.70 .130 .146 2.54 REF. .100 REF. 0.03 MIN. .001 MIN.
DESIGN DATA
CASE: DO-213AA, Hermetically sealed glass case. (MELF, SOD-80, LL34) LEAD FINISH: Tin / Lead THERMAL RESISTANCE: (ROJEC): 100 C/W maximum at L = 0 inch THERMAL IMPEDANCE: (ZOJX): 35 C/W maximum POLARITY: Diode to be operated with the banded (cathode) end positive. MOUNTING SURFACE SELECTION: The Axial Coefficient of Expansion (COE) Of this Device is Approximately +6PPM/C. The COE of the Mounting Surface System Should Be Selected To Provide A Suitable Match With This Device.
BZV55 C68 BZV55 C75
NOTE 1
Nominal Zener voltage is measured with the device junction in thermal equilibrium at an ambient temperature of 25C + 3C.
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841 PHONE (978) 620-2600 FAX (978) 689-0803 WEBSITE: http://www.microsemi.com
165


▲Up To Search▲   

 
Price & Availability of BZV55C3V0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X